design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. precision thick film chip resistors & 1 3 2 + 3 4 3 5 # 6 % 7 8 9 10 7 11 12 product code thick film chip resistors size, power rating type: inch 1r : 0201 2r : 0402 3r : 0603 6r : 0805 power r. 0.05 w 0.063 w 0.1 w 0.1 w t.c.r. marking t.c.r. code h b k e 50 l10 C6 /?c (1r, 2r) 50 l10 C6 /?c (3r, 6r) 100 l10 C6 /?c (2r) 100 l10 C6 /?c (3r, 6r) resistance value resistance tolerance code d tolerance 0.5 % packaging methods code c x v pressed carrier taping 2 mm pitch, 15,000 pcs. punched carrier taping 2 mm pitch, 10,000 pcs. punched carrier taping 4 mm pitch, 5,000 pcs. erj1r erj2r erj3r erj6r packaging type the ?rst three digits are signi?cant ?gures of resistance and the last one denotes number of zeros following. example: 1002 10 k ? precision thick film chip resistors erj g : 01005, 0201 erj r : 0201, 0402, 0603, 0805 erj e : 0603, 0805, 1206, 1210, 1812, 2010, 2512 type: erj xg, 1g erj 1r, 2r, 3r, 6r erj 3e, 6e, 8e, 14, 12, 1t features small size and lightweight high reliability metal glaze thick film resistive element and three layers of electrodes compatible with placement machines taping packaging available suitable for both re? ow and ? ow soldering rohs compliant explanation of part numbers low resistance tolerance erjxg, 1g, 2r, 3e, 6e, 8e, 14, 12, 1t series ..... 1 % erj1r, 2r, 3r, 6r series .............................. 0.5 % reference standards iec 60115-8, jis c 5201-8, eiaj rc-2134b e rj1r, 2r, 3r, 6r series, 0.5 % type packaging methods, land pattern, soldering conditions and safety precautions please see data files aug. 2012 03 5
precision thick film chip resistors design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. a b t w l & 1 3 2 + 3 4 & 5 / 6 ' 7 8 9 10 11 7 12 product code thick film chip resistors size, power rating type : inch xgn : 01005 1gn : 0201 2rk : 0402 3ek : 0603 6en : 0805 8en : 1206 14n : 1210 12n : 1812 12s : 2010 1tn : 2512 power r. 0.031 w 0.05 w 0.1 w 0.1 w 0.125 w 0.25 w 0.5 w 0.75 w 0.75 w 1 w the ?rst three digits are signi?cant ?gures of resistance and the last one denotes number of zeros following. decimal point is expressed by "r". example : 1002 10 k ? resistance value resistance tolerance code f tolerance 1 % packaging methods code y pressed carrier taping 2 mm pitch, 20,000 pcs. erjxgn c pressed carrier taping 2 mm pitch, 15,000 pcs. erj1gn x punched carrier taping 2 mm pitch, 10,000 pcs. erj2rk embossed carrier taping 4 mm pitch, 4,000 pcs. erj1tn v punched carrier taping 4 mm pitch, 5,000 pcs. erj3ek erj6en erj8en u embossed carrier taping 4 mm pitch, 5,000 pcs. erj14n erj12n erj12s packaging type erjxg, 1g, 2r, 3e, 6e, 8e, 14, 12, 1t series, 1 % type construction dimensions in mm (not to scale) protective coating alumina substrate electrode (inner) electrode (between) thick ?lm resistive element electrode (outer) type (inch size) dimensions (mm) mass (weight) [g/1000 pcs.] lwa b t erjxg (01005) 0.40 0.02 0.20 0.02 0.10 0.03 0.10 0.03 0.13 0.02 0.04 erj1g, 1r (0201) 0.60 0.03 0.30 0.03 0.10 0.05 0.15 0.05 0.23 0.03 0.15 erj2r (0402) 1.00 0.05 0.50 0.05 0.20 0.10 0.25 0.05 0.35 0.05 0.8 erj3r erj3ek (0603) 1.60 0.15 0.80 +0.15 0.30 0.20 0.30 0.15 0.45 0.10 2 erj6r erj6en (0805) 2.00 0.20 1.25 0.10 0.40 0.20 0.40 0.20 0.60 0.10 4 erj8en (1206) 3.20 +0.05 1.60 +0.05 0.50 0.20 0.50 0.20 0.60 0.10 10 erj14n (1210) 3.20 0.20 2.50 0.20 0.50 0.20 0.50 0.20 0.60 0.10 16 erj12n (1812) 4.50 0.20 3.20 0.20 0.50 0.20 0.50 0.20 0.60 0.10 27 erj12s (2010) 5.00 0.20 2.50 0.20 0.60 0.20 0.60 0.20 0.60 0.10 27 erj1tn (2512) 6.40 0.20 3.20 0.20 0.65 0.20 0.60 0.20 0.60 0.10 45 C0.05 C0.15 C0.20 aug. 2012 03 6
design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. precision thick film chip resistors C40 C20 0 20 40 60 80 100 120 140 160 0 180 C60 70 c C55 c ambient temperature (c) 20 40 60 80 100 rated load (%) 125 c 155 c 9 (
(
3
3 )
3 ,
3
3 3 ,
& |